Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 382 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 382 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 378Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 379Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 380Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 381Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 382Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 383Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 384Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 385Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 386Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 382 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
304
Freescale Semiconductor
14.8.1.9
Interrupt Control Register n (ICRn), n = 0, 1, 2,..., 63
The ICRn registers contain the software-defined interrupt level for each interrupt request. Each ICRn
contains a 4-bit interrupt level [0-15]. These registers are cleared by reset and should be programmed with
the appropriate levels before interrupts are enabled.
When multiple interrupt requests are programmed to the same level number, they are processed in a
descending request number order. As an example, if requests 63, 62, 2, 1 are programmed to a common
level, request 63 is processed first, then request 62, then request 2 and finally request 1.
This definition allows software maximum flexibility in grouping interrupt request sources within any
given priority level.
See Figure 14-10 and Figure 14-15 for the ICRn definition.
14.8.1.10 IRQ Interrupt Acknowledge Register (IRQIACK)
The IRQIACK register is a read-only resource containing the vector number of the interrupt request
currently being processed. It is typically read early in an IRQ interrupt service routine. There is a fixed
association between the vector number returned in the IRQIACK register and the physical interrupt request
input signal, namely:
Table 14-14. Saved Level Mask (SLMASK) Field Descriptions
Name
Description
4–0
SLMASK
Saved Level Mask
This 5-bit field is treated as a signed integer within the range [-1, 0, 1,..., 15]. The value defines the saved level
mask. See the CLMASK field definition for more information on the specific values.
Register address: INTC_Offset + 0x40 + n
76543210
R
0000
Level[3:0]
W
RESET:
0000
= Unimplemented or Reserved
Figure 14-10. Interrupt Control Register n (ICRn)
Table 14-15. Interrupt Control Register n (ICRn) Field Descriptions
Name
Description
3–0
Level
Interrupt Request Level
This 4-bit field maps the given interrupt request to one of 16 levels, where 0x0 is the lowest priority level and 0xf
is the highest priority level.
If interrupt masking is enabled (ICONFIG[EMASK] = 1), the acknowledgment of a level-n request forces the
controller to automatically mask all interrupt requests of level-n and lower.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com