Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 379 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 379 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 375Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 376Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 377Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 378Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 379Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 380Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 381Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 382Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 383Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 379 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
301
14.8.1.6
Clear Interrupt Mask (CIMR) Register
The CIMR register provides a simple memory-mapped mechanism to clear a given bit in the IMR{H,L}
registers to enable a given interrupt request. The data value on a register write causes the corresponding
bit in the IMR{H,L} register to be cleared. A data value greater than 63 provides a global clear function,
forcing the entire contents of IMR{H,L} to be cleared, enabling all interrupts. Reads of this register return
all zeroes.
This register is provided so interrupt service routines can easily enable the given interrupt request without
the need to perform a read-modify-write sequence on the IMR{H,L}.
In the event of a simultaneous write to both the CIMR and SIMR, the SIMR has priority and the resulting
function would be a set of the interrupt mask register.
See Figure 14-7 and Figure 14-12 for the CIMR definition.
Register address: INTC_Offset + 0x1c
76543210
R
00000000
W
SIMR[6:0]
RESET:
0000000
= Unimplemented or Reserved
Figure 14-6. Set Interrupt Mask (SIMR) Register
Table 14-11. Set Interrupt Mask (SIMR) Field Descriptions
Name
Description
6–0
SIMR
Set Interrupt Mask
0-63
Set the corresponding bit in IMR{H,L},
masking the interrupt request
64-127 Set all bits in IMR{H,L}, masking all
interrupt requests
Register address: INTC_Offset + 0x1d
76543210
R
00000000
W
CIMR[6:0]
RESET:
0000000
= Unimplemented or Reserved
Figure 14-7. Clear Interrupt Mask (CIMR) Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com