Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 383 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 383 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 379Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 380Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 381Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 382Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 383Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 384Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 385Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 386Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 387Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 383 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
305
vector_number =
64 + ipi_int[x] (for a single INTC implementation)
If there is no pending IRQ interrupt request when the read of the IRQIACK is performed, the interrupt
controller returns a value of 63 signalling a spurious interrupt. This is also the reset value of the register.
Any attempted write to this register generates an error termination.
See Figure 14-11 and Figure 14-16 for the IRQIACK definition.
14.8.1.11 FIQ Interrupt Acknowledge Register (FIQIACK)
The FIQIACK register is a read-only resource containing the vector number of the interrupt request
currently being processed. It is typically read early in an FIQ interrupt service routine. There is a fixed
association between the vector number returned in the FIQIACK register and the physical interrupt request
input signal, namely:
vector_number =
64 + ipi_int[x] (for a single INTC implementation)
If there is no pending FIQ interrupt request when the read of the FIQIACK is performed, the interrupt
controller returns a value of 63 signalling a spurious interrupt. This is also the reset value of the register.
Any attempted write to this register generates an error termination.
See Figure 14-12 and Figure 14-17 for the FIQIACK definition.
Register address: INTC_Offset + 0xec
76543210
R
Interrupt Vector[7:0]
W
—
—
—
—
—
—
—
—
RESET:
00111111
= Unimplemented or Reserved
Figure 14-11. IRQ Interrupt Acknowledge Register (IRQIACK)
Table 14-16. IRQ Interrupt Acknowledge Register (IRQIACK) Field Descriptions
Name
Description
7–-0
Interrupt Vector
Interrupt Vector Number
This 8-bit field provides the vector number for the interrupt request currently being acknowledged. The vector
number is derived from the physical interrupt request signal as:
vector_number = 64 + ipi_int[x]
If there is no pending IRQ request when the IRQIACK is read, a spurious interrupt vector number (63) is returned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com