Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 389 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 389 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 385Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 386Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 387Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 388Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 389Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 390Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 391Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 392Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 393Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 389 / 976 page
background image
Initialization/Application Information
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
311
this value to “maximum – 1" in the wakeup logic. This guarantees that a level 15 interrupt request
generates the sleep mode exit.
14.10.3 Interrupt Service Routines
This section focuses on the interaction of the interrupt masking functionality with the service routine.
Figure 14-13 presents a timing diagram showing various phases during the execution of an interrupt
service routine with the controller level masking functionality enabled. It is important to note the time scale
in this diagram is not meant to be accurate.
Figure 14-13. Interrupt Service Routine and Masking (Not To Scale)
Consider the events depicted in each “segment” [A-G] of this diagram.
In A, an interrupt request is asserted, which is mapped into the FIQ core signal.
As B begins, the interrupt request is recognized and the core begins FIQ exception processing. During the
core’s exception processing, the CPSR sets the F bit, disabling all interrupts. At the end of the core’s
exception processing, control passes to the interrupt service routine, shown as the beginning of segment C.
During C, the ISR performs the interrupt acknowledge read cycle to retrieve the vector number associated
with the request. As the interrupt acknowledge read is performed, the vector number is returned to the core,
and the CLMASK register raised to level n, the interrupt level being acknowledged. The former contents
of the CLMASK is loaded into the SLMASK register at this time, at the end of C.
During segment D, the ISR accesses the peripheral to negate the interrupt request source. At the conclusion
of segment D, the CPSR[F] flag is cleared to re-enable interrupts.
ipi_int
CORE
CPSR[F]
CLMASK
SLMASK
Interrupts
Enabled
Disabled
-1
n
-1
fiq xcpt
iack
-1
Enabled
Disabled
Interrupt Service Routine
A
B
C
D
E
F
G
iack



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com