Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 391 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 391 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 387Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 388Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 389Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 390Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 391Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 392Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 393Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 394Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 395Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 391 / 976 page
background image
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
313
Chapter 15
MAC7200 Crossbar Switch (AXBS)
15.1
Introduction
This section provides information on the layout, configuration, and programming of the crossbar switch
bus. The crossbar switch bus is a two master by five slave (2Mx5S) configuration where the core complex
and the direct memory access controller are the two masters (2M) and the flash controller, FlexBus, RAM
controller, external AHB and the peripheral controller are the five slaves (5S).
Figure 15-1 is a block diagram of the crossbar switch bus connections.
Figure 15-1. Crossbar Switch Bus Block Diagram
Core
Complex
Direct
Crossbar
Switch
Flash
Controller
Random
Access
Memory
Controller
Peripheral
Interface
Controller
Memory
Access
Bus
Master
Modules
Slave
Modules
FlexBus
External
AHB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com