Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 394 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 394 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 390Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 391Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 392Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 393Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 394Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 395Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 396Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 397Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 398Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 394 / 976 page
background image
Register Descriptions
MAC7200 Microcontroller Family Reference Manual, Rev. 2
316
Freescale Semiconductor
The registers are fully decoded and a bus error response is returned if an unimplemented location is
accessed within the crossbar switch bus.
The slave registers also feature a bit, which when written with a 1, will prevent the registers from being
written to again. The registers will still be readable, but future write attempts will have no effect on the
registers and will be terminated with an error response.
Table 15-3 is the memory map for the crossbar switch bus program-visible registers.
15.4
Register Descriptions
This section consists of register descriptions for the crossbar switch bus.
15.4.1
Priority Register
The Priority Register (PR) sets the priority of each master port on a per slave port basis and resides in each
slave port.
Table 15-3. Module Memory Map
Offset from
crossbar_base
Register Name and Use
Access
0x000
Priority Register for Flash Controller Slave port (PR_FC)
word (4byte)
0x010
Control Register for Flash Controller Slave port (CR_FC)
word (4byte)
0x100
Priority Register for FlexBus Slave port (PR_FB)
word (4byte)
0x110
Control Register for FlexBus Slave port (CR_FB)
word (4byte)
0x300
Priority Register for RAM Controller Slave port (PR_RC)
word (4byte)
0x310
Control Register for RAM Controller Slave port (CR_RC)
word (4byte)
0x500
Priority Register for external AHB Slave port (PR_AHB)
word (4byte)
0x510
Control Register for external AHB Slave port (CR_AHB)
word (4byte)
0x700
Priority Register for Peripheral Controller Slave port (PR_PC)
word (4byte)
0x710
Control Register for Peripheral Controller Slave port (CR_PC)
word (4byte)
Table 15-4. Priority Register Summary
PR_FC
PR_FB
PR_RC
PR_AHB
PR_PC
Priority Register for Slave Port to Flash Controller
Priority Register for Slave Port to FlexBus
Priority Register for Slave Port to RAM Conttroller
Priority Register for Slave Port to external AHB
Priority Register for Slave Port to Peripheral Controller
crossbar_base + 0x000
crossbar_base + 0x100
crossbar_base + 0x300
crossbar_base + 0x500
crossbar_base + 0x700
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Reserved
Type
r
r
r
r
rrr
rrr
rrr
rr
r
Reset
0
00
0
0
000
00
000
000
Bit
15
14
13
12
11
10
987
65
432
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com