Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 393 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 393 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 389Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 390Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 391Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 392Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 393Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 394Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 395Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 396Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 397Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 393 / 976 page
background image
External Signal Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
315
•
Alternate Slave General Purpose (ASGPR) register is not enabled
•
Master Port 0 (ARM7 core) is present with burst enabled
•
Master Port 1 (DMA) is present with burst disabled
•
Slave Port 0 (Flash) is present
•
Slave Port 1 (FlexBus) is present
•
Slave Port 3 (SRAM) is present
•
Slave Port 5 (BAM) is present
•
Slave Port 7 (AIPS) is present
•
32-bit datapath
15.1.4
Modes of Operation
The crossbar switch bus provides two arbitration modes, fixed or round-robin. The arbitration mode may
be set on a slave by slave basis. For slaves configured for fixed arbitration mode, a unique arbitration level
is assigned to each bus master.
For a given slave with fixed arbitration operation, the highest priority active master accessing that slave is
granted the master bus switch path to that slave. A higher priority master will block access to a given slave
from a lower priority master as long as the higher priority master continuously requests that slave.
For a given slave with round-robin arbitration, active masters accessing that slave are initially granted the
slave based on their master port number. Master priority is then modified in a wrap-around manner to give
all masters fair access to the slave.
15.2
External Signal Description
There are no AXBS signals that drive or are driven from MCU pins.
15.3
Memory Map Definition
There are two registers that reside in each slave port of the crossbar switch bus. Read and write transfers
both require two IP bus clock cycles. The registers can only be read from and written to in supervisor
mode. Additionally, these registers can only be read from or written to by 32-bit accesses. Non 32-bit
accesses to legal registers are ignored.
Table 15-2. MAC72xx AXBS Master and Slave Ports
Master Port
Slave Port
M0: ARM7 Core
S0: Selectable
M1: eDMA
S1: Selectable
S3: SRAM Controller
S5: Boot Assist Module (BAM)
S7: Peripheral Bus Bridge (AIPS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com