Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 392 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 392 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 388Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 389Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 390Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 391Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 392Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 393Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 394Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 395Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 396Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 392 / 976 page
background image
Introduction
MAC7200 Microcontroller Family Reference Manual, Rev. 2
314
Freescale Semiconductor
15.1.1
Overview
The crossbar switch bus connects the bus masters and bus slaves using a crossbar switch structure. This
structure allows bus masters to simultaneously access different bus slaves with no interference while
providing arbitration among the bus masters when they access the same slave. A variety of bus arbitrations
methods and attributes may be programmed on a bus slave by bus slave basis.
15.1.2
Features
The crossbar switch bus includes these distinctive features:
•
Symmetric crossbar bus switch implementation
— Allows concurrent accesses from different masters to different slaves
— Slave arbitration attributes configured on a slave by slave basis
•
The crossbar switch bus is 32 bits wide and supports byte, half-word (2byte), word (4byte), and
16byte burst transfers
•
32-bit address bus width, 32-bit data bus width
•
Crossbar switch bus operates at a 1-to-1 clock frequency with the bus masters
•
Support for AHB v2.0 AHB-Lite bus protocol
•
Up to 8x8 simultaneous Master => Slave connections
•
Each Slave Port is individually configurable via a Peripheral Bus interface
•
Memory Map: 32-bit peripheral with 256 bytes per slave port, word addressable only
•
Each slave port has a 3-bit base address, to select a 512Mb address space within the 4Gb
addressable space. All combinations of master/slave are valid. The crossbar switch can support
simultaneous master transactions, as long as the slave being accessed is different.
15.1.3
AXBS Integration
The AXBS is integrated with the following configuration:
•
Alternate Master Priority (AMPR) register is not enabled
Table 15-1. Crossbar Slave Port Addresses
Slave Port
Address Range
S0
$0000_0000 - $1FFF_FFFF
S1
$2000_0000 - $3FFF_FFFF
S2
$4000_0000 - $5FFF_FFFF
S3
$6000_0000 - $7FFF_FFFF
S4
$8000_0000 - $9FFF_FFFF
S5
$A000_0000 - $BFFF_FFFF
S6
$C000_0000 - $DFFF_FFFF
S7
$E000_0000 - $FFFF_FFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com