Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 395 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 395 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 391Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 392Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 393Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 394Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 395Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 396Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 397Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 398Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 399Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 395 / 976 page
background image
Register Descriptions
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
317
The Priority Register can only be accessed with 32-bit accesses. Once the RO (Read Only) bit has been set
in the slave Control Register the Priority Register can only be read, attempts to write to it will have no
effect on the PR and result in a bus error response.
Additionally, no two available master ports may be programmed with the same priority level. Attempts to
program two or more available masters with the same priority level will result in an error response and the
PR will not be updated.
15.4.2
Control Register
The Control Register (CR) controls several features of each slave port.
The Read Only (RO) bit will prevent any registers associated with this slave port from being written to
once set. This bit may be written with 0 as many times as the user desires, but once it is written to a 1 only
a reset condition will allow it to be written again.
The Halt Low Priority (HLP) bit will set the priority of a request to enter low power mode to the lowest
possible priority for initial arbitration of the slave ports. By default it is the highest priority. Please note,
setting this bit will not effect the request for low power mode from attaining highest priority once it has
control of the slave ports.
The Arbitration Mde (ARB) bits control the arbitration mode. The arbitration mode may be fixed or
round-robin.
The Parking Control (PCTL) bits determine how the slave port will park when no master is actively
making a request. The available options are to park on the master defined by the PARK bits, park on the
last master to use the slave port, or go into a low power park mode which will force all the outputs of the
Name
Reserved
DMA
Core
Type
r
r
r
r
rrr
rrr
r
rw
r
rr
rw
Reset
0
00
0
0
000
00
010
000
Table 15-5. Priority Register Descriptions
Field
Description
31–5
Priority Register Reserved. These bits are reserved for future expansion. They read as zeros and should be written
with zeros for upward compatibility.
4
DMA_
MSTR
DMA Master Priority. This bit sets the arbitration priority for this port on the associated slave port.
This bit is initialized by hardware reset. The reset value is 1.
0 This master has the highest priority when accessing the slave port.
1 This master has the lowest priority when accessing the slave port.
3–1
Priority Register Reserved.These bits are reserved for future expansion. They read as zeros and should be written
with zeros for upward compatibility.
0
CORE_
MSTR
Core Master Priority. This bit sets the arbitration priority for this port on the associated slave port.
This bit is initialized by hardware reset. The reset value is 0
0 This master has the highest priority when accessing the slave port.
1 This master has the lowest priority when accessing the slave port.
Table 15-4. Priority Register Summary (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com