Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 360 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 360 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 356Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 357Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 358Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 359Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 360Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 361Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 362Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 363Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 364Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 360 / 976 page
background image
MCM as Implemented on MAC7200
MAC7200 Microcontroller Family Reference Manual, Rev. 2
282
Freescale Semiconductor
For the MAC7200 family of devices, only certain crossbar switch re-mappings are valid. The reset value
of the register depends on the Chip Mode selected and the security state of the device, and is discussed in
detail in Chapter 9, “Device Memory Map”. After reset, the AAMR register may be re-programmed to
change the memory map of the system as follows:
NOTE
The SRAM is fixed at address $4000 0000, and may be re-mapped to either
$0000 0000 or $2000 0000. When this is done, the SRAM will appear at
both addresses in the memory map.
Consult the MCM Block Guide for further information about configuring and using the MCM.
13.3.2
MCM Features
The MCM module is an on-platform IPI module that implements several varied SoC level features,
including the following:
13.3.2.1
Processor Core Type (PCT)
This 16-bit register identifies the revision ID of the platform/core pair, as follows:
Table 13-38. AAMR Register Configurability 1
1. Not all re-mappings may be available in all Chip Modes/Security states. Please refer to Chapter 9, “Device Memory
Map for more details on valid memory map configurations.
AAMR Bits
Base Address
Allowed Values
31:28
$E000 0000
$f (Peripheral Space)
27:24
$C000 0000
$0 (Unused)
23:20
$A000 0000
$d (BAM)
19:16
$8000 0000
$0 (Unused)
15:12
$6000 0000
$0 (Unused)
11:8
$4000 0000
$b (SRAM)
7:4
$2000 0000
$8 (Program Flash), $9 (External Bus), $b (SRAM)
3:0
$0000 0000
$8 (Program Flash), $9 (External Bus), $b (SRAM)
Table 13-39. Processor Core Type (PCT) Values
Core
PCT
Comment
ARM7
$A700
Value for the MAC72xx
ARM9
$A900
ARM11
$A110
ColdFire v2
$CF20
ColdFire v3
$CF30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com