Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 348 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 348 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 344Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 345Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 346Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 347Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 348Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 349Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 350Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 351Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 352Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
270
Freescale Semiconductor
13.2.2.15.5
Flash ECC Master Number Register (FEMR)
The FEMR is a 4-bit register for capturing the AXBS bus master number of the last, properly-enabled ECC
event in the flash memory. Depending on the state of the ECC Configuration Register, an ECC event in
the flash causes the address, attributes and data associated with the access to be loaded into the FEAR,
FEMR, FEAT and FEDR registers, and the appropriate flag (F1BC or FNCE) in the ECC Status Register
to be asserted.
This register can only be read from the IPS programming model; any attempted write is ignored. See
Figure 13-27 and Table 13-24 for the Flash ECC Master Number Register definition.
Register address: MCM Base + 0x50
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
R
FEAR[31:16]
W
Reset
————————————————
15
14
13
12
11
10
9876543210
R
FEAR[15:0]
W
Reset
————————————————
Figure 13-26. Flash ECC Address (FEAR) Register
Table 13-23. FEAR Field Descriptions
Field
Description
31–0
FEAR[31:0]
Flash ECC Address Register. This 32-bit register contains the faulting access address of the last,
properly-enabled flash ECC event.
Register address: MCM Base + 0x56
765
43210
R
0000
FEMR[3:0]
W
Reset
0000
————
Figure 13-27. Flash ECC Master Number (FEMR) Register
Table 13-24. PFEMR Field Descriptions
Field
Description
7–4
Reserved, should be cleared.
3–0
FEMR[3:0]
Flash ECC Master Number Register. This 4-bit register contains the AXBS bus master number of the
faulting access of the last, properly-enabled flash ECC event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com