Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 349 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 349 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 345Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 346Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 347Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 348Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 349Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 350Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 351Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 352Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 353Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 349 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
271
13.2.2.15.6
Flash ECC Attributes Register (FEAT)
The FEAT is an 8-bit register for capturing the AXBS bus master attributes of the last, properly-enabled
ECC event in the flash memory. Depending on the state of the ECC Configuration Register, an ECC event
in the flash causes the address, attributes and data associated with the access to be loaded into the FEAR,
FEMR, FEAT and FEDR registers, and the appropriate flag (F1BC or FNCE) in the ECC Status Register
to be asserted.
This register can only be read from the IPS programming model; any attempted write is ignored. See
Figure 13-28 and Table 13-25 for the Flash ECC Attributes Register definition.
Register address: MCM Base + 0x57
765
43210
R
Write
Size[2:0]
Protection[3:0]
W
Reset
————————
Figure 13-28. Flash ECC Attributes (FEAT) Register
Table 13-25. PFEAT Field Descriptions
Field
Description
7
Write
AMBA-AHB HWRITE.
0 AMBA-AHB read access
1 AMBA-AHB write access
6–4
Size[2:0]
AMBA-AHB HSIZE[2:0].
000 8-bit AMBA-AHB access
001 16-bit AMBA-AHB access
010 32-bit AMBA-AHB access
011 Reserved
1xx Reserved
3–0
Protection[3:0]
AMBA-AHB HPROT[3:0].
Protection[3]: Cacheable
0 Non-cacheable
1 Cacheable
Protection[2]: Bufferable
0 Non-bufferable
1Bufferable
Protection[1]: Mode
0 User mode
1 Supervisor mode
Protection[0]: Type
0I-Fetch
1 Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com