Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 337 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 337 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 333Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 334Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 335Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 336Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 337Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 338Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 339Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 340Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 341Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 337 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
259
13.2.2.14.3
Peripheral Power Management Set Register 1 (PPMRS1)
The PPMRS1 register provides a simple memory-mapped mechanism to set a given bit in the
PPMR1{H,L} registers to disable the clock for a given IPS module without the need to perform a
read-modify-write on the PPMR1. The data value on a register write causes the corresponding bit in the
PPMR1{H,L} register to be set. A data value of 64 to 127 provides a global set function, forcing the entire
contents of the PPMR1{H,L} to be set, disabling all IPS module clocks. Reads of this register return all
zeroes. See Figure 13-17 and Figure 13-16 for the PPMRS1 definition.
13.2.2.14.4
Peripheral Power Management Clear Register 1 (PPMRC1)
The PPMRC1 register provides a simple memory-mapped mechanism to clear a given bit in the
PPMR1{H,L} registers to enable the clock for a given IPS module without the need to perform a
read-modify-write on the PPMR1. The data value on a register write causes the corresponding bit in the
PPMR1{H,L} register to be cleared. A data value of 64 to 127 provides a global clear function, forcing the
entire contents of the PPMR1{H,L} to be zeroed, enabling all IPS module clocks. In the event on
simultaneous writes to the PPMRS1 and PPMRC1, the write to the PPMRC1 takes priority. Reads of this
register return all zeroes. See Figure 13-18 and Figure 13-17 for the PPMRC1 definition.
Register address: MCM Base + 0x2e
7
65432
1
0
R
0
0000
0
0
0
W
PPMRS1[6:0]
Reset
—
0000
0
0
0
Figure 13-17. Peripheral Power Management Set 1 (PPMRS1) Register
Table 13-16. Peripheral Power Management Set 1 (PPMRS1) Field Descriptions
Field
Description
7
Reserved, should be cleared.
6–0
PPMRS1[6:0]
Set Module Clock Disable.
0-63
Set corresponding bit in PPMR1{H,L}, disabling the module clock.
64-127 Set all bits in PPMR1{H,L}, disabling all the module clocks.
Register address: MCM Base + 0x2f
7
65432
1
0
R
0
0000
0
0
0
W
PPMRC1[6:0]
Reset
—
0000
0
0
0
Figure 13-18. Peripheral Power Management Clear 1 (PPMRC1) Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com