Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 477 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 477 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 473Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 474Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 475Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 476Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 477Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 478Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 479Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 480Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 481Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 477 / 976 page
background image
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
399
Chapter 20
Boot Assist Module (BAM)
20.1
BAM Introduction
The Boot Assist Module (BAM) provides the JTAG Lockout Recovery functionality that was available in
hardware on the MAC71xx family of devices. It is essentially an AHB slave containing hard-code
instructions to perform the following sequence of events:
1. Unlock all Flash registers (PFCR2 register)
2. Enable the Flash for read/write (PFAPR register)
3. Configure the DACC/SACC registers
4. Enable LAS and MAS (LML register)
5. Enable HAS (HBL register)
6. Enable Shadow (SLL)
7. Enable all blocks for program/erase
8. Erase the main array
— Set the ERS bit
— Perform an interlock write
— Set the EHV bit
9. Wait until erase is done (DONE=1)
10. Check that the erase was successful (PEG=1)
11. Clear the EHV bit
12. Clear the ERS bit
13. Erase the shadow array
— Set the ERS bit
— Perform an interlock write
— Set the EHV bit
14. Wait until erase is done (DONE=1)
15. Check that the erase was successful (PEG=1)
16. Clear the EHV bit
17. Clear the ERS bit
18. Program the System Censor word in the Shadow Block
— Set the PGM bit
— Perform a program write (Write $80000002 to address SHADOW_BASE+$7de0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com