Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 481 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 481 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 477Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 478Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 479Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 480Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 481Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 482Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 483Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 484Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 485Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 481 / 976 page
background image
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
403
Chapter 21
IPI Subsystem (IPSS)
The IPI Subsystem (IPSS) is responsible for connecting all Peripheral Bus peripherals to the AIPS module.
21.1
Bus Abort handling
Bus aborts on the Peripheral Bus fall into one of two categories:
•
Bus aborts produced by peripherals due to an illegal access. This type of abort may be masked with
the REG_ABORT bit in the ERROR register in the SSM module.
•
Bus aborts produced accesses to an empty peripheral slot. These aborts are OR’d together and
gated by the PER_ABORT bit in the ERROR register in the SSM module.
21.2
Peripheral Bus Peripheral Clock Frequencies
21.3
IPSS Differences from MAC71xx
•
Bus aborts for empty peripheral slots may now be masked using a bit in the SSM
•
Following peripherals now run at full system speed (was 1/2 system speed on MAC71x1)
—ATD_A
— DSPI_A/B/C
Half Speed
Full Speed
CAN_A/B
ATD_A
PIT
DSPI_A/B/C
eMIOS
FlexBus (registers and protocol)
SCI_A/B
MCM
Flash (registers only)
INTC
SSM
DMA2
CRG (registers only)
AIPS (registers)
DMA Channel Mux
PIM
IIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com