Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 483 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 483 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 479Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 480Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 481Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 482Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 483Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 484Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 485Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 486Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 487Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 483 / 976 page
background image
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
405
Chapter 22
Dual-Output Voltage Regulator (VREG_HIP7A)
22.1
Introduction
The Voltage Regulator provides the internal voltage for the core and logic, which enables devices in the
MAC7200 family to be supplied with a single 5V power supply source.
NOTE
The Voltage regulator on the MAC7200 family of devices does not
implement the VREGEN pin as described in the VREG_3V3 Block Guide.
The Voltage Regulator is enabled by the level on the VDDR pin only.
22.1.1
Overview
Block VREG_HIP7A is a dual output voltage regulator providing the following supplies:
•
1.5V (typ) VDD15
•
3.3V (typ) VDD33
•
3.3V (typ) VDDPLL
The regulator input voltage range is 5V (typ).
22.1.2
Features
The block VREG_HIP7A includes these distinctive features:
•
Two parallel, linear voltage regulators
— Bandgap reference
•
On-chip Voltage Regulators generate all necessary internal supply voltages from 5V only input
voltage, including Flash, Oscillator, PLL and core supply voltage.
•
Bypass mode allows off-chip supply of all on-chip voltages.
•
Power On Reset (POR) and Low Voltage Reset (LVR) detection with independent flags for full
reset source reporting.
22.1.3
Modes of Operation
There are two modes VREG_HIP7A can operate in:
•
Full Performance Mode (FPM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com