Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 486 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 486 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 482Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 483Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 484Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 485Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 486Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 487Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 488Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 489Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 490Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 486 / 976 page
background image
External Signal Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
408
Freescale Semiconductor
22.2.2
Detailed Signal Descriptions
Check device level specification for connectivity of the signals.
22.2.2.1
VDDR - Regulator Power Input
Signal VDDR is the power input of VREG_HIP7A. All currents sourced into the regulator loads flow
through this pin. A chip external decoupling capacitor (100nF...220nF, X7R ceramic) between VDDR and
VSS can smooth ripple on VDDR.
For entering Shutdown Mode pin VDDR should also be tied to ground on devices without VREGEN pin.
22.2.2.2
VDDA, VSSA - Regulator Reference Supply
Signals VDDA/VSSA which are supposed to be relatively quiet are used to supply the analog parts of the
regulator. Internal precision reference circuits are supplied from these signals. A chip external decoupling
capacitor (100nF...220nF, X7R ceramic) between VDDA and VSSA can further improve the quality of this
supply.
22.2.2.3
VDD15, VSS15 - Regulator Output1 (Core Logic)
Signals VDD15/VSS15 are the primary outputs of VREG_HIP7A that provide the power supply for the
core logic. These signals are connected to device pins to allow external decoupling capacitors
(100nF...220nF, X7R ceramic).
In Shutdown Mode an external supply driving VDD15/VSS15 can replace the voltage regulator.
Table 22-1. VREG_HIP7A - Signal Properties
Name
Function
Reset State
Pull up
VDDR
VREG_HIP7A power input (positive supply)
—
—
VDDA
VREG_HIP7A quiet input (positive supply)
—
—
VSSA
VREG_HIP7A quiet input (ground)
—
—
VDD15
VREG_HIP7A primary 1.5V output (positive supply)
—
—
VSS15
VREG_HIP7A primary 1.5V output (ground)
—
—
VDD33
VREG_HIP7A primary 3.3V output (positive supply)
—
—
VSS33
VREG_HIP7A primary 3.3V output (ground)
—
—
VDDPLL
VREG_HIP7A secondary 3.3V output (positive supply)
—
—
VSSPLL
VREG_HIP7A secondary 3.3V output (ground)
—
—
VREGEN
(optional)
VREG_HIP7A (Optional) Regulator Enable
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com