Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 484 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 484 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 480Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 481Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 482Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 483Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 484Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 485Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 486Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 487Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 488Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 484 / 976 page
background image
Introduction
MAC7200 Microcontroller Family Reference Manual, Rev. 2
406
Freescale Semiconductor
The regulator is active, providing the nominal supply voltage of 1.5V/3.3V with full current
sourcing capability at all outputs. Features LVR (Low Voltage Reset) and POR (Power-On Reset)
are available.
•
Shutdown Mode
Controlled by VREGEN (see MCU level specification for connectivity of VREGEN).
This mode is characterized by minimum power consumption. The regulator outputs are in a high
impedance state, only the POR feature is available, LVR is disabled.
This mode must be used to disable the chip internal regulator VREG_HIP7A, i.e. to bypass the
VREG_HIP7A to use external supplies.
22.1.4
Block Diagram
Figure 22-1 shows the function principle of VREG_HIP7A by means of a block diagram. The regulator
core REG consists of two parallel subblocks, REG1 and REG2, providing two independent output
voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com