Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 488 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 488 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 484Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 485Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 486Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 487Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 488Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 489Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 490Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 491Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 492Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 488 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
410
Freescale Semiconductor
The regulator is a linear regulator with a bandgap reference when operated in Full Performance Mode. It
acts as a voltage clamp in Reduced Power Mode. All load currents flow from input VDDR to VSS or
VSSPLL. The reference circuits are supplied by VDDA and VSSA.
22.4.2.1
Full Performance Mode
In Full Performance Mode the output voltage is compared with a reference voltage by an operational
amplifier. The amplified input voltage difference drives the gate of an output transistor.
22.4.3
POR - Power-On Reset
This functional block monitors VDD15. If VDD15 is below VPORD, POR is asserted, if VDD15 exceeds
VPORD, the POR is de-asserted. POR asserted forces the MCU into Reset. POR De-asserted will trigger
the power on sequence.
22.4.4
LVR15 - Low Voltage Reset
Block LVR monitors the primary output voltage VDD15. If it drops below the assertion level (VLVR15A),
signal LVR15 asserts. If VDD15 rises above the de-assertion level (VLVR15D), signal LVR15 de-asserts.
The LVR function is available only in Full Performance Mode.
22.4.5
LVR33 - Low Voltage Reset
Block LVR monitors the primary output voltage VDD33. If it drops below the assertion level (VLVR33A),
signal LVR33 asserts. If VDD33rises above the de-assertion level (VLVR33D), signal LVR33 de-asserts.
The LVR function is available only in Full Performance Mode.
22.4.6
LVRPLL - Low Voltage Reset
Block LVR monitors the primary output voltage VDDPLL. If it drops below the assertion level
(VLVRPLLA), signal LVRPLL asserts. If VDDPLL rises above the de-assertion level (VLVRPLLD), signal
LVRPLL de-asserts. The LVR function is available only in Full Performance Mode.
22.4.7
Resets
22.4.7.1
General
This section describes how VREG_HIP7A controls the reset of the MCU. Possible reset sources are listed
in Table 22-2.
Table 22-2. VREG_HIP7A - Reset Sources
Reset Source
Local Enable
Power-on Reset (POR)
Always active
Low Voltage Reset (LVR)
Available only in Full
Performance Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com