Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 492 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 492 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 488Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 489Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 490Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 491Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 492Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 493Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 494Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 495Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 496Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 492 / 976 page
background image
Introduction
MAC7200 Microcontroller Family Reference Manual, Rev. 2
414
Freescale Semiconductor
Figure 23-1. Block diagram of CRG
23.1.3
Features
The main features of this block are:
•
Phase Locked Loop (PLL) frequency multiplier
— Reference divider
— Automatic bandwidth control mode for low-jitter operation
— Automatic frequency lock detector
— CPU interrupt on entry or exit from locked condition
— Self Clock Mode in absence of reference clock
•
System Clock Generator
— Clock Quality Check
— User selectablefast wake-up from Stop in Self-Clock Mode for power saving and immediate
program execution
— Clock switch for either Oscillator or PLL based system clocks
CRG
Registers
Clock and Reset
RESET
PLL
XFC
VDDPLL
VSSPLL
Oscillator
EXTAL
XTAL
Control
System Clock
System Reset
Oscillator Clock
PLLCLK
OSCCLK
Clock
Monitor
CM fail
Clock Quality
Checker
Reset
Generator
XCLKS
Power on Reset
Low Voltage Reset 1
1) Refer to device specification for availability
of the low voltage reset feature.
Real Time Interrupt
PLL Lock Interrupt
Self Clock Mode
Interrupt
Voltage
Regulator
RTI Clock
SWT Clock
Peripheral Bus Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com