Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 496 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 496 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 492Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 493Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 494Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 495Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 496Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 497Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 498Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 499Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 500Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 496 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
418
Freescale Semiconductor
NOTE
Write to this register initializes the lock detector bit and the track detector
bit.
23.3.2.2
CRG Reference Divider Register (REFDV)
The REFDV register provides a finer granularity for the PLL multiplier steps. The count in the reference
divider divides the OSCCLK frequency by REFDV+1
.
NOTE
Write to this register initializes the lock detector bit and the track detector
bit.
Address: Base + $_00
Access: User read/write
Read: anytime
Write: anytime except if PLLSEL = 1
76543210
R0
0
SYN5
SYN4
SYN3
SYN2
SYN1
SYN0
W
Reset
00000000
Figure 23-3. CRG Synthesizer Register (SYNR)
Address: Base + $_01
Access: User read/write
Read: anytime
Write: anytime except when PLLSEL = 1
76543210
R
0000
REFDV3
REFDV2
REFDV1
REFDV0
W
Reset
00000000
Figure 23-4. CRG Reference Divider Register (REFDV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com