Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 500 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 500 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 496Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 497Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 498Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 499Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 500Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 501Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 502Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 503Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 504Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 500 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
422
Freescale Semiconductor
23.3.2.7
CRG PLL Control Register (PLLCTL)
This register controls the PLL functionality.
Address: Base + $_05
Access: User read/write
Read: anytime
Write: refer to each bit for individual write conditions
76543210
R
PLLSEL
000
PLLDOZE
0
RTIDOZE
SWTDOZE
W
Reset
00000000
Figure 23-8. CRG Clock Select Register (CLKSEL)
Table 23-6. CLKSEL Field Descriptions
Field
Description
7
PLLSEL
PLL select bit. Write anytime. Writing a 1 when LOCK=0 and AUTO=1, or TRACK=0 and AUTO=0 has no
effect This prevents the selection of an unstable PLLCLK as SYSCLK. The PLLSEL bit is cleared when
the MCU enters Self Clock Mode or Doze Mode with the PLLDOZE bit set.
0 System clocks are derived from OSCCLK (System Clock = OSCCLK)
1 System clocks are derived from PLLCLK (System Clock = PLLCLK)
6–4
Reserved, should be cleared.
3
PLLDOZE
PLL stops in doze mode bit. Write: anytime. If PLLDOZE is set, the CRG will clear the PLLSEL bit before
entering Doze Mode. The PLLON bit remains set during Doze Mode, but the PLL is powered down. Upon
exiting Doze Mode, the PLLSEL bit must be set manually if PLL clock is required. While the PLLDOZE bit
is set, the AUTO bit is set to 1 in order to allow the PLL to lock automatically on to the selected target
frequency after exiting Doze Mode.
0 PLL keeps running in Doze Mode.
1 PLL stops in Doze Mode.
2
Reserved, should be cleared.
1
RTIDOZE
RTI stops in doze mode bit. Write: anytime
0 RTI keeps running in Doze Mode
1 RTI stops and initializes the RTI dividers whenever the part goes into Doze Mode
0
SWTDOZE
SWT stops in doze mode bit. Normal modes: Write once. Special modes: Write anytime
0 SWT keeps running in Doze Mode
1 SWT stops and initializes the SWT dividers whenever the part goes into Doze Mode
Address: Base + $_06
Access: User read/write
Read: anytime
Write: refer to each bit for individual write conditions
76543210
R
CME
PLLON
AUTO
ACQ
000
CMRD
W
Reset
11110001
Figure 23-9. CRG PLL Control Register (PLLCTL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com