Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 504 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 504 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 500Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 501Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 502Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 503Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 504Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 505Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 506Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 507Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 508Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 504 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
426
Freescale Semiconductor
23.4.2.1.2
Acquisition and Tracking Modes
The lock detector compares the frequencies of the FEEDBACK clock and the REFERENCE clock.
Therefore, the speed of the lock detector is directly proportional to the final reference frequency. The
circuit determines the mode of the PLL and the lock condition based on this comparison.
The PLL filter can be manually or automatically configured into one of two possible operating modes:
•
Acquisition mode
In acquisition mode, the filter can make large frequency corrections to the VCO. This mode is used
at PLL start-up or when the PLL has suffered a severe noise hit and the VCO frequency is far from
the desired frequency. When in acquisition mode, the TRACK status bit is cleared in the CRGFLG
register.
•
Tracking mode
In tracking mode, the filter makes only small corrections to the frequency of the VCO. PLL jitter
is much lower in tracking mode, but the response to noise is also slower. The PLL enters tracking
mode when the VCO frequency is nearly correct and the TRACK bit is set in the CRGFLG register.
The PLL can change the bandwidth or operational mode of the loop filter manually or automatically.
In automatic bandwidth control mode (AUTO = 1), the lock detector automatically switches between
acquisition and tracking modes. Automatic bandwidth control mode is also used to determine when the
PLL clock (PLLCLK) is safe to use as the source for the system and peripheral clocks. If the PLL LOCK
interrupt requests are enabled, the software can wait for an interrupt request and then check the LOCK bit.
If CPU interrupts are disabled, software can poll the LOCK bit continuously (usually during PLL start-up)
or at periodic intervals. In either case, only when the LOCK bit is set is the PLLCLK clock safe to use as
the source for the system and peripheral clocks. If the PLL is selected as the source for the system and
peripheral clocks and the LOCK bit is clear, the PLL has suffered a severe noise hit and the software must
take appropriate action, depending on the application.
The following conditions apply when the PLL is in automatic bandwidth control mode (AUTO=1):
•
The TRACK bit is a read-only indicator of the mode of the filter.
•
The TRACK bit is set when the VCO frequency is within a certain tolerance,
Δ
trk, and is clear when
the VCO frequency is out of a certain tolerance,
Δ
unt.
•
The LOCK bit is a read-only indicator of the locked state of the PLL.
•
The LOCK bit is set when the VCO frequency is within a certain tolerance,
Δ
Lock, and is cleared
when the VCO frequency is out of a certain tolerance,
Δ
unl.
•
CPU interrupts can occur if enabled (LOCKIE = 1) when the lock condition changes, toggling the
LOCK bit.
The PLL can also operate in manual mode (AUTO = 0). Manual mode is used by systems that do not
require an indicator of the lock condition for proper operation. Such systems typically operate well below
the maximum system frequency (fsys) and require fast start-up. The following conditions apply when in
manual mode:
•ACQ is a writable control bit that controls the mode of the filter. Before turning on the PLL in
manual mode, the ACQ bit should be asserted to configure the filter in acquisition mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com