Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 505 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 505 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 501Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 502Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 503Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 504Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 505Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 506Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 507Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 508Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 509Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 505 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
427
•
After turning on the PLL by setting the PLLON bit, software must wait a given time (tacq) before
entering tracking mode (ACQ = 0).
•
After entering tracking mode, software must wait a given time (tal) before selecting the PLLCLK
as the source for system and peripheral clocks (PLLSEL = 1).
23.4.2.2
System Clocks Generator
Figure 23-13. System Clocks Generator
The clock generator creates the clocks used in the MCU (see Figure 23-13). The gating condition placed
on top of the individual clock gates indicates the dependencies of different modes (DOZE, DEBUG) and
the setting of the respective configuration bits.
The CPU uses the System Clock. The peripherals and memory blocks use the Peripheral Bus Clock. Some
peripheral modules also use the Oscillator Clock. If the MCU enters Self Clock Mode (see
Section 23.4.3.2, “Self Clock Mode”) the Oscillator clock source is switched to PLLCLK running at its
OSCILLATOR
PHASE
LOCK
LOOP
EXTAL
XTAL
SYSCLK
OSCCLK
PLLCLK
CLOCK PHASE
GENERATOR
Peripheral
Clock
Monitor
1
0
PLLSEL or SCM
= Clock Gate
Gating
Condition
DOZE (RTIDOZE)
DEBUG
1
0
SCM
RTI Clock
Software Watchdog
System Clock
÷2
Oscillator Clock
DOZE
(SWTDOZE)
DEBUG
Timer Clock
Bus Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com