Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 509 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 509 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 505Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 506Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 507Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 508Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 509Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 510Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 511Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 512Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 513Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 509 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
431
If the CME bit is disabled and the MCU is configured to run on the PLL
clock (PLLCLK), a loss of external clock (OSCCLK) will not be detected
and will cause the system clock to drift towards the VCO’s minimum
frequency, fSCM. As soon as the external clock is available again, the system
clock ramps up to its PLL target frequency. If the MCU is running on an
external clock, any loss of clock will cause the system to go static.
23.4.4
Low Power Options
This section summarizes the low power options available in the CRG.
23.4.4.1
Run Mode
This is the standard mode, all components of the system are clocked.
23.4.4.2
Doze Mode
Writing to the Doze bit puts the system in a low power consumption stand-by mode further controlled by
the CLKSEL register settings. This provides enhanced granularity in reducing the level of power
consumption. Table 23-10 lists the individual configuration bits and the parts of the MCU that are affected
in Doze Mode.
The core requests the CRG to switch into Doze Mode by writing to the DOZE bit. The CRG then checks
whether the PLLDOZE bit is asserted (Figure 23-17). Depending on the configuration, the CRG switches
the system clock to OSCCLK by clearing the PLLSEL bit and disables the PLL.
Table 23-10. MCU Configuration During Doze Mode
PLLDOZE
RTIDOZE
SWTDOZE
PLL
stopped
–
–
RTI Clock
–
stopped
–
SWT Clock
–
–
stopped



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com