Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 512 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 512 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 508Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 509Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 510Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 511Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 512Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 513Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 514Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 515Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 516Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 512 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
434
Freescale Semiconductor
1
1
0
Clock failure
→
Scenario 1: OSCCLK recovers prior to exiting Doze Mode
– MCU remains in Doze Mode
– VREG enabled
– PLL enabled
– SCM activated
– Start Clock Quality Check
– Set SCMIF interrupt flag
Some time later OSCCLK recovers
– CM no longer indicates a failure
– 4096 OSCCLK cycles later Clock Quality Check indicates clock ok
– SCM deactivated
– PLL disabled depending on PLLDOZE
– VREG remains enabled (never gets disabled in Doze Mode)
– MCU remains in Doze Mode
Some time later either a wakeup interrupt occurs (no SCM interrupt)
– Exit Doze Mode using OSCCLK as system clock (SYSCLK)
– Continue normal operation
or an External Reset is applied
– Exit Doze Mode using OSCCLK as system clock
– Start reset sequence
Scenario 2: OSCCLK does not recover prior to exiting Doze Mode
– MCU remains in Doze Mode
– VREG enabled
– PLL enabled
– SCM activated
– Start Clock Quality Check
– Set SCMIF interrupt flag
– Keep performing Clock Quality Checks (could continue infinitely) while in Doze Mode
Some time later either a wakeup interrupt occurs (no SCM interrupt)
– Exit Doze Mode in SCM using PLL clock (fSCM) as system clock
– Continue to perform additional Clock Quality Checks until OSCCLK is ok again
or an External RESET is applied
– Exit Doze Mode in SCM using PLL clock (fSCM) as system clock
– Start reset sequence
– Continue to perform additional Clock Quality Checks until OSCCLK is ok again
Table 23-11. Outcome of Clock Loss in Doze Mode (Continued)
CME
CMRD
SCMIE
CRG Actions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com