Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 514 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 514 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 510Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 511Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 512Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 513Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 514Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 515Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 516Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 517Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 518Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 514 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
436
Freescale Semiconductor
•
Power on is detected
•
Low voltage is detected
•
SWT watchdog times out
•
Clock monitor failure is detected and Self-Clock Mode was disabled (CMRD=0)
Upon detection of any reset event, an internal circuit drives the RESET pin low for 256 SYSCLK cycles
(see Figure ). Since entry into reset is asynchronous, it does not require a running SYSCLK. However, the
internal reset circuit of the CRG cannot sequence out of the current reset condition without a running
SYSCLK. The number of 256 SYSCLK cycles might be increased by n=3 to 6 additional SYSCLK cycles
depending on the internal synchronization latency. After 256+n SYSCLK cycles the RESET pin is
released. The reset generator of the CRG waits for an additional 64 SYSCLK cycles and then samples the
RESET pin to determine the originating source. Figure 23-14 shows which vector will be fetched.
NOTE
External circuitry connected to the RESET pin should not include a large
capacitance that would interfere with the ability of this signal to rise to a
valid logic one within 64 SYSCLK cycles after the low drive is released.
The internal reset of the MCU remains asserted while the reset generator completes the 320 SYSCLK long
reset sequence. The reset generator circuitry always makes sure the internal reset is deasserted
synchronously after completion of the 320 SYSCLK cycles. When the RESET pin is externally driven low
for more than these 320 SYSCLK cycles (External Reset), the internal reset also remains asserted.
Table 23-14. Reset Vector Selection
sampled RESET pin
(64 cycles after
release)
Clock Monitor
Reset pending
SWT Reset
pending
Vector fetch
1
0
0
POR / LVR / External Reset
1
1
X
Clock Monitor Reset
1
0
1
SWT Reset
0
X
X
POR / LVR / External Reset
with rise of RESET pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com