Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 502 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 502 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 498Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 499Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 500Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 501Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 502Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 503Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 504Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 505Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 506Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 502 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
424
Freescale Semiconductor
23.3.2.9
CRG BDM Control Register (BDMCTL)
This register controls the SWT (Software Watchdog Timer) and RTI clocks in BDM mode.
23.4
Functional Description
23.4.1
General
This section gives detailed information on the internal operation of the design.
23.4.2
Functional Blocks
23.4.2.1
Phase Locked Loop (PLL)
The PLL is used to run the MCU from a different time base than the incoming OSCCLK. For increased
flexibility, OSCCLK can be divided in a range of 1 to 16 to generate the reference frequency. This offers
Table 23-8. SDMCTL Field Descriptions
Field
Description
7–2
Reserved, should be cleared.
1
DOZE
Doze control bit. This bit determines whether the CRG should transition into DOZE mode.
When the CRG receives a wakeup signal, the system will leave DOZE mode and this bit will be cleared.
0 Keep running
1 Activate DOZE sequence
0
Reserved, should be cleared.
Address: Base + $_08
Access: User read/write
Read: anytime
Write: RSBCK: once
76543210
R0
RSBCK
000000
W
Reset
00000000
Figure 23-11. CRG BDM Control Register (BDMCTL)
Table 23-9. BDMCTL Field Descriptions
Field
Description
7
Reserved, should be cleared.
6
RSBCK
SWT and RTI stop in active BDM mode (Debug Mode) bit
0 Allows the SWT and RTI to keep running in Active BDM mode
1 Stops the SWT and RTI counters whenever the part is in Active BDM mode
5–0
Reserved, should be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com