Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 501 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 501 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 497Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 498Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 499Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 500Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 501Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 502Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 503Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 504Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 505Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 501 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
423
23.3.2.8
CRG DOZE Control Register (SDMCTL)
This register controls the DOZE mode transitioning.
Table 23-7. PLLCTL Field Descriptions
Field
Description
7
CME
Clock monitor enable bit. CME enables the clock monitor. Writeable anytime except when SCM = 1.
0 Clock monitor is disabled
1 Clock monitor is enabled. Slow or stopped clocks will cause a clock monitor reset sequence or Self
Clock Mode
Note: Operating with CME=0 will not detect any loss of clock. In cases of poor clock quality, this could
cause unpredictable operation of the MCU.
6
PLLON
Phase lock loop on bit. PLLON turns on the PLL circuitry. In Self Clock Mode, the PLL is turned on, but
the PLLON bit reads the last latched value. Write anytime except when PLLSEL = 1.
0 PLL is turned off
1 PLL is turned on. If AUTO bit is set, the PLL will lock automatically
5
AUTO
Automatic bandwidth control bit. AUTO selects either the high bandwidth (acquisition) mode or the low
bandwidth (tracking) mode depending on how close to the desired frequency the VCO is running. Write
anytime except when PLLDOZE=1, because PLLDOZE sets the AUTO bit to 1.
0 Automatic Mode Control is disabled and the PLL is under software control, using the ACQ bit
1 Automatic Mode Control is enabled and the ACQ bit has no effect
4
ACQ
Acquisition bit. Write anytime. If AUTO=1, writing to this this bit has no effect., but reading this bit indicates
which bandwidth filter is selected
0 Low bandwidth filter is selected (Acquisition Mode)
1 High bandwidth filter is selected (Tracking Mode)
3–1
Reserved, should be cleared.
0
CMRD
Clock monitor reset disable bit. Normal modes: Write once. Special modes: Write anytime. CMRD cannot
be cleared while operating in Self Clock Mode (SCM=1).
0 Detection of crystal clock failure causes clock monitor reset (see Section 23.4.5.4, “Clock Monitor
Reset”)
1 Detection of crystal clock failure forces the MCU into Self Clock Mode (see Section 23.4.3.2, “Self
Clock Mode”)
Address: Base + $_07
Access: User read/write
Read: anytime
Write: anytime
7
6543210
R
000000
DOZE
0
W
Reset
00000000
Figure 23-10. CRG DOZE Control Register (SDMCTL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com