Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 497 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 497 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 493Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 494Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 495Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 496Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 497Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 498Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 499Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 500Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 501Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 497 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
419
23.3.2.3
CRG ARM Flag Register 1 (CTFLG)
This register provides status bits and flags.
NOTE
This flags are only valid if the POR and LVR flags are cleared after reset.
NOTE
Volatile memory may not be valid after a reset, regardless of the reset cause.
Address: Base + $_02
Access: User read/write
Read: anytime
Write: refer to each bit for individual restrictions.
76543210
R0
0
ILR
JTR
SFR
CMR
EXR
WDR
W
Reset
00000000
Figure 23-5. CRG Flag Register 1 (CTFLG)
Table 23-3. CTFLG Field Descriptions
Field
Descriptions
7–6
Reserved, should be cleared.
5
ILR
Illegal address reset flag. ILR is set to 1 when a bus abort reset occurs. This flag can be cleared only by
writing a 1. Writing a 0 has no effect.
0 Bus Abort reset has not occurred
1 Bus Abort reset has occurred
4
JTR
JTAG reset flag. JTR is set to 1 when a JTAG reset occurs. This flag can be cleared only by writing a 1.
Writing a 0 has no effect.
0 JTAG reset has not occurred
1 JTAG reset has occurred
3
SFR
Software reset flag. SFR is set to 1 when a software reset occurs. This flag can be cleared only by writing
a 1. Writing a 0 has no effect.
0 Software reset has not occurred
1 Software reset has occurred
2
CMR
Clock monitor reset flag. CMR is set to 1 when a clock monitor reset occurs. This flag can be cleared only
by writing a 1. Writing a 0 has no effect.
0 Clock Monitor reset has not occurred
1 Clock Monitor reset has occurred
1
EXR
External reset flag. EXR is set to 1 when an external reset occurs. This flag can be cleared only by writing
a 1. Writing a 0 has no effect.
0 External reset has not occurred
1 External reset has occurred
0
WDR
Software Watchdog Timer (SWT) Reset Flag. WDR is set to 1 when an SWT reset occurs. This flag can
only be cleared by writing a 1. Writing a 0 has no effect. This bit will not be valid if the Voltage Regulator
is bypassed.
0 SWT reset has not occurred
1 SWT reset has occurred



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com