Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 494 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 494 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 490Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 491Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 492Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 493Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 494Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 495Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 496Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 497Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 498Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 494 / 976 page
background image
External Signal Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
416
Freescale Semiconductor
23.2.1
Detailed Signal Descriptions
23.2.1.1
VDDPLL, VSSPLL
These pins provides operating voltage (VDDPLL) and ground (VSSPLL) for the PLL circuitry. This
allows the supply voltage to the PLL to be independently bypassed. Even if PLL usage is not required,
VDDPLL and VSSPLL must be connected properly.
23.2.1.2
XFC
A passive external loop filter must be placed on the XFC pin. The filter is a second-order, low-pass filter
to eliminate the VCO input ripple. The value of the external filter network and the reference frequency
determines the speed of the corrections and the stability of the PLL. Refer to device specification for
calculation of PLL Loop Filter (XFC) components. If PLL usage is not required, the XFC pin must be tied
to VDDPLL.
Figure 23-2. PLL Loop Filter Connections
If the XFC pin is shorted to 3.3V, then the VCO will synthesize the lowest possible frequency. Since the
minimum VCO locking frequency is 30 MHz, it is expected that this situation would result in the PLL not
locking, and thus generating a software detectable condition. Because the Self Clock mode is specified as
2-5.5MHz, the device should continue to operate in Self Clock Mode, with software running and able to
detect this condition.
23.2.1.3
RESET
RESET is an active low bidirectional reset pin. As an input, it initializes the MCU asynchronously to a
known start-up state. As an open-drain output, it indicates that a system reset (internal to MCU) has been
triggered.
23.2.1.4
CLKOUT/XCLKS
After reset, CLKOUT provides the reference clock for both the GPIO and FlexBus interfaces. On the
xM84D maskset, it is driven from the Peripheral Bus Clock.
XCLKS decides between Pierce (XCLKS = 1) and Square Wave (XCLKS = 0) mode. This pin is sampled
during reset.
MCU
XFC
RS
CS
VDDPLL
CP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com