Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 491 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 491 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 487Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 488Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 489Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 490Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 491Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 492Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 493Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 494Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 495Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 491 / 976 page
background image
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
413
Chapter 23
Clock and Reset Generator (CRG)
23.1
Introduction
This chapter describes the function of the Clocks and Reset Generator (CRG).
23.1.1
CRG Overview
The CRG module is used to provide the clocks for the MCU, to control its Reset operation and low power
operating modes. Included in the module is the PLL, the Clock Generator and the Reset Generator.
The module provides the clock for the Real Time Interrupt counter contained within the PIT, the clock for
the Software Watchdog Timer in the platform, the main system clock for the core and the clock used for
the peripherals and the Flash memory, which runs at half the speed of the System clock. For more
information on the clocks used throughout the MCU refer to Chapter 5, “System Clock Description”. All
memory mapped configuration for the PLL is in the CRG module.
The CRG is also used to control entry into the low power operating modes of the device, as well as the
features of the device which continue to operate during low power modes. Doze mode is entered by writing
to the Doze Control register in the CRG, while a write to the Clock Select Register will control whether
the PLL, the Real Time Interrupt (RTI) and the Software Watchdog Timer (SWT) clocks are disabled in
Doze mode.
The module provides a Crystal Monitor which detects the presence of the oscillator clock. If the oscillator
clock is not present within a defined time, determined by the Crystal Monitor time out period, the module
will either generate a Reset, or initiate the PLL Self Clock mode. In Self Clock mode the PLL will generate
its own clock based on the minimum VCO frequency. This can be used to clock the device in order to
continue some basic operation in the absence of an external clock.
The Clock Quality Checker (CQC) is included in the CRG and provides a more accurate check of the
oscillator output clock. The CQC is run following events such as Power On Reset or wake-up from STOP
mode, and counts the number of clocks over a defined time window. Failure of the Clock Quality Checker
can be used to initiate Self Clocking mode or a Crystal Monitor Reset event.
The CRG module provides information in the form of Flags to help identify the source of a Reset event
(see also Chapter 6, “Resets”).
23.1.2
CRG Block Diagram
Figure 23-1 shows a block diagram of the CRG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com