Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 489 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 489 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 485Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 486Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 487Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 488Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 489Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 490Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 491Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 492Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 493Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 489 / 976 page
background image
Interrupts
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
411
22.4.7.2
Description of Reset Operation
22.4.7.2.1
Power-On Reset (POR)
During chip power-up the digital core may not work if its supply voltage VDD15 is below the POR
deassertion level (VPORD). Therefore signal POR which forces the other blocks of the device into reset is
kept high until VDD15 exceeds VPORD. The MCU will run the start-up sequence after POR deassertion.
The power-on reset is active in all operation modes of VREG_HIP7A.
22.4.7.2.2
Low Voltage Reset (LVR)
For details on low voltage reset see Section 22.4.4, “LVR15 - Low Voltage Reset,” Section 22.4.5,
“LVR33 - Low Voltage Reset,” and Section 22.4.6, “LVRPLL - Low Voltage Reset.”
22.5
Interrupts
There are no interrupts driven by the VREG_HIP7A block. All voltage related interrupts are driven by the
Clock and Reset Generation (CRG) Block.
22.6
VREG Bus Aborts
There is no bus interface on the Voltage Regulator, as all associated control and status bits are located
inside the CRG module.
22.7
VREG Differences from MAC71xx
•
Removed Standby Mode (Required only for STOP mode)
•
Removed RC oscillator/Asynchronous Periodic Interrupt (API)
•
Removed Low Voltage interrupt (LVIE,LVIF)
•
Moved LVDS register bit functionality into the CRG Module (See reset source reg in CRG)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com