Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 487 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 487 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 483Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 484Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 485Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 486Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 487Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 488Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 489Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 490Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 491Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 487 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
409
22.2.2.4
VDD33, VSS33 - Regulator Output1 (3.3V Logic)
Signals VDD33/VSS33 are the primary outputs of VREG_HIP7A that provide the power supply for the
3.3V logic. These signals are connected to device pins to allow external decoupling capacitors
(100nF...220nF, X7R ceramic).
In Shutdown Mode an external supply driving VDD33/VSS33 can replace the voltage regulator.
22.2.2.5
VDDPLL, VSSPLL - Regulator Output2 (3.3V PLL)
Signals VDDPLL/VSSPLL are the secondary outputs of VREG_HIP7A that provide the power supply for
the PLL and Oscillator. These signals are connected to device pins to allow external decoupling capacitors
(100nF...220nF, X7R ceramic).
In Shutdown Mode an external supply driving VDDPLL/VSSPLL can replace the voltage regulator.
22.2.2.6
VREGEN - Optional Regulator Enable
This optional signal is used to shutdown VREG_HIP7A. In that case VDD/VSS and VDDPLL/VSSPLL
must be provided externally. Shutdown Mode is entered with VREGEN being low. If VREGEN is high,
the VREG_HIP7A is in Full Performance Mode.
VREGEN is connected to VDDR.
NOTE
Switching from FPM to shutdown of VREG_HIP7A and vice versa is not
supported while MCU is powered.
22.3
Memory Map and Register Definition
There are no registers available in the VREG_HIP7A block. All control and status registers are located in
the Clock and Reset Generation (CRG) module.
22.4
Functional Description
22.4.1
General
Block VREG_HIP7A is a voltage regulator as depicted in Figure 22-1. The regulator functional elements
are the regulator core (REG), a low voltage detect module (LVD), a control block (CTRL), a power-on
reset module (POR) and a low voltage reset module (LVR).
22.4.2
REG - Regulator Core
VREG_HIP7A, respectively its regulator core has two parallel, independent regulation loops (REG1 and
REG2) that differ only in the amount of current that can be delivered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com