Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 498 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 498 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 494Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 495Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 496Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 497Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 498Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 499Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 500Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 501Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 502Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 498 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
420
Freescale Semiconductor
23.3.2.4
CRG Flags Register 2 (CRGFLG)
This register provides CRG status bits and flags.
Address: Base + $_03
Access: User read/write
Read: anytime
Write: refer to each bit for individual restrictions
76543210
R0
PORF
LVRF
LOCKIF
LOCK
TRACK
SCMIF
SCM
W
Reset
0
12
00000
1 PORF is set to 1 when a power on reset occurs. Unaffected by system reset.
2 LVRF is set to 1 when a low voltage reset occurs. Unaffected by system reset.
Figure 23-6. CRG Flag Register 2 (CRGFLG)
Table 23-4. CRGFLG Field Descriptions
Field
Description
7
Reserved, should be cleared.
6
PORF
Power on reset flag. PORF is set to 1 when a power on reset occurs. This flag can be cleared only by
writing a 1. Writing a 0 has no effect.
0 Power on reset has not occurred
1 Power on reset has occurred
Note: In order for the other reset source flags to be valid, this flag must be cleared after reset.
5
LVRF
Low voltage reset flag. LVRF is set to 1 when a low voltage reset occurs. This flag can only be cleared by
writing a 1. Writing a 0 has no effect. This bit will not be valid if the Voltage Regulator is bypassed.
0 Low voltage reset has not occurred
1 Low voltage reset has occurred
Note: In order for the other reset source flags to be valid, this flag must be cleared after reset.
4
LOCKIF
PLL lock interrupt flag. LOCKIF is set to 1 when the LOCK status bit changes. This flag can only be
cleared by writing a 1. Writing a 0 has no effect. If enabled (LOCKIE=1), LOCKIF causes an interrupt
request.
0 No change in LOCK bit
1 LOCK bit has changed
3
LOCK
Lock status bit. LOCK reflects the current state of PLL lock condition. This bit is cleared in Self Clock
Mode. Writes have no effect.
0 PLL VCO is not within the desired tolerance of the target frequency
1 PLL VCO is within the desired tolerance of the target frequency
2
TRACK
Track status bit. TRACK reflects the current state of the PLL track condition. This bit is cleared in Self
Clock Mode. Writes have no effect.
0 Acquisition mode status
1 Tracking mode status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com