Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 479 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 479 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 475Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 476Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 477Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 478Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 479Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 480Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 481Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 482Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 483Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 479 / 976 page
background image
BAM External Pins
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
401
From a user/tool perspective, the sequence of events looks like the following:
1. If the device is powered off, perform a correct power on sequence first
2. Assert the external RESET of the device
3. While the RESET is asserted, write bit 9 of the SC4 register using the JTAG interface
4. Release the RESET
5. There is no need to clear bit 9 of the SC4 register, as it is self-clearing
6. Continuously poll the SC4 register (READ) until bit 8 (Lockout Recovery Complete) is set.
7. If bit 19 is set (1), it means that the system is secured, and the Lockout Recovery process must have
failed. If bit 19 is cleared (0), which is the expected result, then the system is unsecured.
8. Note that it is not necessary to write the Security Word in the system after performing the JTAG
Lockout Recovery, as this is done automatically during the procedure.
9. Once the device is unsecured, reset the device by asserting the RESET pin. You may reset into any
functional mode.
20.4
BAM External Pins
There are no BAM signals that drive or are driven from MCU pins.
20.5
BAM Bus Aborts
The BAM will signal a bus abort under any of the following conditions:
•
Access was not in Supervisor Mode
•
Access was 8 or 16 bits
•
Access was a WRITE
•
Access was a burst
Because the BAM resides as a slave on the crossbar switch, all bus aborts from the BAM will cause either
a Prefetch or Data Abort in the ARM7 core.
20.6
BAM Differences from MAC71xx
•
This is a new block, that was not present on the MAC71xx family
20.7
BAM Application Usage
Although the BAM is intended primarily for JTAG Lockout Recovery, the code contained in it is
completely visible to the application code. If the application code wants to perform a Lockout Recovery,
it may simply jump to address $A000 0000. However, the BAM code always end in an endless loop, which
can only be exited by resetting the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com