Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 577 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 577 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 573Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 574Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 575Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 576Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 577Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 578Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 579Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 580Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 581Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 577 / 976 page
background image
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
499
Chapter 28
FlexCAN2
28.1
FlexCAN2 Implementation on the MAC7200
28.1.1
Introduction
The FlexCAN2 module complies to the CAN2.0B specification and therefore supports transfer rates of up
to 1Mbit for high speed CAN networks.
On the MAC7200 family of devices, the clock source for the FlexCAN2 can be selected to be either
derived from the PLL clock, or the oscillator clock. Each CAN module in the MAC7200 family of devices
contains 32 mailboxes.
Each of the FlexCAN2 modules can be independently disabled by writing to the MDIS bit in the modules
MCR register. Disabling the module will turn off the clock to the modules protocol engine and message
buffers, although most of the modules registers remain available to be accessed by the core across the
peripheral bus. The MDIS bit is intended to be used when the module is not required in the application.
By default the FlexCANs are disabled after reset (MDIS=1), so, prior to use, the MDIS bit must be cleared.
Unlike most of the other peripherals on the MAC72xx, the CAN modules are not masters. This means that
data coming into the MAC72xx on a CAN interface may not be under the software control of the
MAC72xx. For this reason, it is necessary for the CAN Message ID (i.e.-IDENTIFIER) to be extracted
from a CAN frame for the processor to react to it correctly. The FlexCAN module does this, and stores the
message corresponding to a particular Message ID in a particular mailbox (up to a limit of 32 mailboxes).
See Section 28.2, “The Generic FlexCAN2 Module” for generic information on the Flexible CAN
Module.
28.1.2
Features of FlexCAN2 on MAC7200
•
Memory Map: 32-bit peripheral with 8 bytes, byte/halfword/word addressable
•
Full implementation of the CAN 2.0 protocol specification.
•
Programmable bit rate up to 1Mbps.
•
32 flexible Mail Boxes of 0-8 bytes data length on all modules.
•
All Mail Boxes configurable for either Rx/Tx.
•
Unused Mail Boxes space can be used as general purpose RAM.
•
Supports standard or extended messages.
•
“Time Stamp”, based on a 16-bit free-running counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com