Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 581 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 581 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 577Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 578Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 579Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 580Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 581Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 582Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 583Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 584Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 585Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 581 / 976 page
background image
FlexCAN2 Implementation on the MAC7200
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
503
28.1.3.5
Overload Frame
An Overload Frame is used to provide for an extra delay between the preceding and the succeeding DATA
or REMOTE FRAMEs. The length varies from 14 to 20 bits.
•
OVERLOAD FLAG - The superposition of all OVERLOAD FLAG fields from all stations [6 to
12 bits]
•
OVERLOAD DELIMITER - 8 recessive bits [8 bits]
28.1.4
CAN Implementation
The FlexCAN module has several different configuration options. On the MAC72xx device, the FlexCAN
modules have the following configuration:
•
Number of Message Buffers (Mail Boxes): 32 per FlexCAN
•
MDIS Reset Value: The reset value of the MDIS bit is 1, meaning that the FlexCAN is in a disabled
state after reset, and must be explicitly enabled before it can be used.
•
Rx Masking: Receive masking is not available on the MAC72xx FlexCANs.
•
Reception Queue: Reception queues are not available on the MAC72xx FlexCANs.
•
Wakeup: Because there is no STOP mode on the MAC72xx, the wakeup from bus activity feature
of the FlexCAN is only valid in DOZE mode. In this case, the FlexCAN can be left running, and
any FlexCAN interrupt can be used to wake the system.
28.1.5
CAN External Pins
28.1.6
FlexCAN Bus Aborts
The FlexCAN module supports Peripheral Bus bus aborts, and enforces the following memory map:
Table 28-1. CAN External Pins
Signal
Description
RxD_n This input pin provides the serial receive side of the FlexCAN bus.
TxD_n
This output pin provides the serial transmit side of the FlexCAN bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com