Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 578 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 578 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 574Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 575Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 576Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 577Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 578Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 579Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 580Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 581Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 582Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 578 / 976 page
background image
FlexCAN2 Implementation on the MAC7200
MAC7200 Microcontroller Family Reference Manual, Rev. 2
500
Freescale Semiconductor
•
Maskable interrupts.
•
Programmable I/O modes.
•
External transceiver assumed.
28.1.3
CAN Protocol
28.1.3.1
Terminology
•
Dominant — Typically logic level ‘0’
•
Recessive — Typically logic level ‘1’
28.1.3.2
Data Frame
A Data Frame carries data from a transmitter to the receivers. Length varies from 45 to 109 bits, depending
on the number of bytes in the data payload (including minimum interframe space).
•
INTERFRAME SPACE - Minimum of 1 recessive bit [1 bit]
•
START OF FRAME - 1 dominant bit [1 bit]
•
ARBITRATION FIELD - [12 bits]
— IDENITIFIER - The Message ID [11 bits]
— RTR-bit - 1 dominant bit [1 bit]
•
CONTROL FIELD - [6 bits]
— RESERVED - Reserved for future use [2 bits]
— DATA LENGTH CODE - Specifies the number of data bytes in the payload [4 bits]
•
DATA FIELD - The data payload, ranging from 0 to 8 bytes [0 to 64 bits]
•
CRC FIELD - [16 bits (?)]
— CRC SEQUENCE - The frame check sequence [15 bits (?)]
— CRC DELIMITER - 1 recessive bit [1 bit]
•
ACK FIELD - [2 bits]
— ACK SLOT - Acknowledge reception of the CRC sequence with 1 dominant bit [1 bit]
— ACK DELIMITER - 1 recessive bit [1 bit]
•
END OF FRAME - [7 bits]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com