Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 583 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 583 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 579Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 580Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 581Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 582Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 583Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 584Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 585Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 586Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 587Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 583 / 976 page
background image
The Generic FlexCAN2 Module
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
505
28.1.8.2
Message Buffer Initialization
Before being used, all FlexCAN message buffers must be initialized by writing ‘0’ into all locations. Since
the FlexCAN Message Buffer Memory does not have ECC, there is no requirement to initialize the
memory in a specific manner.
28.2
The Generic FlexCAN2 Module
The FlexCAN module is a communication controller implementing the CAN protocol according to the
CAN 2.0B protocol specification.
28.2.1
Block Diagram
A general block diagram is shown in Figure 28-1, which describes the main sub-blocks implemented in
the FlexCAN module, including two embedded memories, one for storing Message Buffers (MB) and
another one for storing Rx Individual Mask Registers. On the MAC72xx, there are 32 Message Buffers for
each FlexCAN module. The functions of the sub-modules are described in subsequent sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com