Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 586 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 586 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 582Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 583Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 584Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 585Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 586Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 587Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 588Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 589Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 590Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 586 / 976 page
background image
The Generic FlexCAN2 Module
MAC7200 Microcontroller Family Reference Manual, Rev. 2
508
Freescale Semiconductor
28.2.4
Modes of Operation
The FlexCAN module has four functional modes: Normal Mode (User and Supervisor), Freeze Mode,
Listen-Only Mode and Loop-Back Mode. There are also three low power modes: Disable Mode, Doze
Mode and Stop Mode.
28.2.4.1
Normal Mode (User or Supervisor):
In Normal Mode, the module operates receiving and/or transmitting message frames, errors are handled
normally and all the CAN Protocol functions are enabled. User and Supervisor Modes differ in the access
to some restricted control registers.
28.2.4.2
Freeze Mode:
It is enabled when the FRZ bit in the MCR Register is asserted. If enabled, Freeze Mode is entered when
the HALT bit in MCR is set or when Debug Mode is requested at MCU level. In this mode, no transmission
or reception of frames is done and synchronicity to the CAN bus is lost. See Section 28.2.7.8.1, “Freeze
Mode,” for more information.
28.2.4.3
Listen-Only Mode:
The module enters this mode when the LOM bit in the Control Register is asserted. In this mode,
transmission is disabled, all error counters are frozen and the module operates in a CAN Error Passive
mode. Only messages acknowledged by another CAN station will be received. If FlexCAN detects a
message that has not been acknowledged, it will flag a BIT0 error (without changing the REC), as if it was
trying to acknowledge the message.
28.2.4.4
Loop-Back Mode:
The module enters this mode when the LPB bit in the Control Register is asserted. In this mode, FlexCAN
performs an internal loop back that can be used for self test operation. The bit stream output of the
transmitter is internally fed back to the receiver input. The Rx CAN input pin is ignored and the Tx CAN
output goes to the recessive state (logic ‘1’). FlexCAN behaves as it normally does when transmitting and
treats its own transmitted message as a message received from a remote node. In this mode, FlexCAN
ignores the bit sent during the ACK slot in the CAN frame acknowledge field to ensure proper reception
of its own message. Both transmit and receive interrupts are generated.
28.2.4.5
Module Disable Mode:
This low power mode is entered when the MDIS bit in the MCR Register is asserted. When disabled, the
module shuts down the clocks to the CAN Protocol Interface and Message Buffer Management
sub-modules. Exit from this mode is done by negating the MDIS bit in the MCR Register. See
Section 28.2.7.8.2, “Module Disable Mode,” for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com