Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 588 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 588 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 584Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 585Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 586Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 587Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 588Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 589Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 590Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 591Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 592Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 588 / 976 page
background image
The Generic FlexCAN2 Module
MAC7200 Microcontroller Family Reference Manual, Rev. 2
510
Freescale Semiconductor
The address space occupied by FlexCAN has 96 bytes for registers starting at the module base address,
followed by MB storage space in embedded RAM starting at address $0060, and an extra ID Mask storage
space in a separate embedded RAM starting at address $0880.
28.2.6.1
Memory Map
The complete memory map for a FlexCAN module with 64 MBs capability is shown in Table 28-4. Each
individual register is identified by its complete name and the corresponding mnemonic. The access type
can be Supervisor (S) or Unrestricted (U). Most of the registers can be configured to have either Supervisor
or Unrestricted access by programming the SUPV bit in the MCR Register. These registers are identified
as S/U in the Access column of Table 28-4.
The IFLAG2 and IMASK2 registers are considered reserved space when FlexCAN is configured with 16
or 32 MBs. The Rx Global Mask (RXGMASK), Rx Buffer 14 Mask (RX14MASK) and the Rx Buffer 15
Mask (RX15MASK) registers are provided for backwards compatibility, and are not used when the BCC
bit in MCR is asserted.
The address ranges $0060–$047F and $0880–$097F are occupied by two separate embedded memories.
These two ranges are completely occupied by RAM (1056 and 256 bytes, respectively) only when
FlexCAN is configured with 64 MBs. When it is configured with 16 MBs, the memory sizes are 288 and
64 bytes, so the address ranges $0180–$047F and $08C0–$097F are considered reserved space. When it
is configured with 32 MBs, the memory sizes are 544 and 128 bytes, so the address ranges $0280–$047F
and $0900–$097F are considered reserved space. Furthermore, if the BCC bit in MCR is negated, then the
whole Rx Individual Mask Registers address range ($0880–$097F) is considered reserved space.
NOTE
The individual Rx Mask per Message Buffer feature may not be available in
low cost MCUs. Please consult the specific MCU documentation to find out
if this feature is supported. If not supported, the address range $0880-$097F
is considered reserved space, independent of the value of the BCC bit.
Table 28-4. Module Memory Map
Address
Use
Access
Type
Affected
by Hard
Reset
Affected
by Soft
Reset
Base + $0000
Module Configuration (MCR)
S
Yes
Yes
Base + $0004
Control Register (CTRL)
S/U
Yes
No
Base + $0008
Free Running Timer (TIMER)
S/U
Yes
Yes
Base + $000C
Reserved
Base + $0010
Rx Global Mask (RXGMASK)
S/U
Yes
No
Base + $0014
Rx Buffer 14 Mask (RX14MASK)
S/U
Yes
No
Base + $0018
Rx Buffer 15 Mask (RX15MASK)
S/U
Yes
No
Base + $001C
Error Counter Register (ECR)
S/U
Yes
Yes
Base + $0020
Error and Status Register (ESR)
S/U
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com