Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 590 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 590 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 586Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 587Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 588Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 589Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 590Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 591Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 592Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 593Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 594Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 590 / 976 page
background image
The Generic FlexCAN2 Module
MAC7200 Microcontroller Family Reference Manual, Rev. 2
512
Freescale Semiconductor
31
28 27
24
22 21 20 19
16 15
8
7
0
$0
CODE
LENGTH
TIME STAMP
$4
ID (Standard/Extended)
ID (Extended)
$8
Data Byte 0
Data Byte 1
Data Byte 2
Data Byte 3
$C
Data Byte 4
Data Byte 5
Data Byte 6
Data Byte 7
Figure 28-2. Message Buffer Structure
Table 28-6. Message Buffer Field Descriptions
Field
Description
CODE
Message Buffer Code. This 4-bit field can be accessed (read or write) by the CPU and by the Flexcan
module itself, as part of the message buffer matching and arbitration process. The encoding is shown in
Table 28-7 and Table 28-8. See Section 28.2.7, “Functional Description,” for additional information.
SRR
Substitute Remote Request. Fixed recessive bit, used only in extended format. It must be set to ‘1’ by the
user for transmission (Tx Buffers) and will be stored with the value received on the CAN bus for Rx
receiving buffers. It can be received as either recessive or dominant. If FlexCAN receives this bit as
dominant, then it is interpreted as arbitration loss.
0 Dominant is not a valid value for transmission in Extended Format frames
1 Recessive value is compulsory for transmission in Extended Format frames
IDE
ID Extended Bit. This bit identifies whether the frame format is standard or extended.
0 Frame format is standard
1 Frame format is extended
RTR
Remote Transmission Request. This bit is used for requesting transmissions of a data frame. If FlexCAN
transmits this bit as ‘1’ (recessive) and receives it as ‘0’ (dominant), it is interpreted as arbitration loss. If
this bit is transmitted as ‘0’ (dominant), then if it is received as ‘1’ (recessive), the FlexCAN module treats
it as bit error. If the value received matches the value transmitted, it is considered as a successful bit
transmission.
0 Indicates the current MB has a Data Frame to be transmitted
1 Indicates the current MB has a Remote Frame to be transmitted
LENGTH
Length of Data in Bytes. This 4-bit field is the length (in bytes) of the Rx or Tx data, which is located in
offset $8 through $F of the MB space (see Figure 28-2). In reception, this field is written by the FlexCAN
module, copied from the DLC (Data Length Code) field of the received frame. In transmission, this field
is written by the CPU and corresponds to the DLC field value of the frame to be transmitted. When RTR=1,
the Frame to be transmitted is a Remote Frame and does not include the data field, regardless of the
Length field.
TIME STAMP Free-Running Counter Time Stamp. This 16-bit field is a copy of the Free-Running Timer, captured for Tx
and Rx frames at the time when the beginning of the Identifier field appears on the CAN bus.
ID
Frame Identifier. In Standard Frame format, only the 11 most significant bits (28 to 18) are used for frame
identification in both receive and transmit cases. The 18 least significant bits are ignored. In Extended
Frame format, all bits are used for frame identification in both receive and transmit cases.
DATA
Data Field. Up to eight bytes can be used for a data frame. For Rx frames, the data is stored as it is
received from the CAN bus. For Tx frames, the CPU prepares the data field to be transmitted within the
frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com