Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 594 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 594 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 590Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 591Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 592Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 593Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 594Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 595Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 596Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 597Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 598Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 594 / 976 page
background image
The Generic FlexCAN2 Module
MAC7200 Microcontroller Family Reference Manual, Rev. 2
516
Freescale Semiconductor
24
FRZ_ACK
Freeze Mode Acknowledge. This read-only bit indicates that FlexCAN is in Freeze Mode and its prescaler
is stopped. The Freeze Mode request cannot be granted until current transmission or reception processes
have finished. Therefore the software can poll the FRZ_ACK bit to know when FlexCAN has actually
entered Freeze Mode. If Freeze Mode request is negated, then this bit is negated once the FlexCAN
prescaler is running again. If Freeze Mode is requested while FlexCAN is in any of the low power modes,
then the FRZ_ACK bit will only be set when the low power mode is exited. See Section 28.2.7.8.1, “Freeze
Mode,” for more information.
0 FlexCAN not in Freeze Mode, prescaler running
1 FlexCAN in Freeze Mode, prescaler stopped
23
SUPV
Supervisor Mode. This bit configures some of the FlexCAN registers to be either in Supervisor or
Unrestricted memory space. The registers affected by this bit are marked as S/U in the Access Type
column of Table 28-4. Reset value of this bit is ‘1’, so the affected registers start with Supervisor access
restrictions.
0 Affected registers are in Unrestricted memory space
1 Affected registers are in Supervisor memory space. Any access without supervisor permission
behaves as though the access was done to an unimplemented register location
22
SLF_WAK
Self Wake Up. This bit enables the Self Wake Up feature when FlexCAN is in Doze Mode or Stop Mode.
If this bit had been asserted by the time FlexCAN entered Doze Mode or Stop Mode, then FlexCAN will
look for a recessive to dominant transition on the bus during these modes. If a transition from recessive
to dominant is detected during Doze Mode, FlexCAN resumes its clocks and, if enabled to do so,
generates a Wake Up interrupt to the CPU. If a transition from recessive to dominant is detected during
Stop Mode, then FlexCAN generates, if enabled to do so, a Wake Up interrupt to the CPU so that it can
resume the clocks globally. This bit can not be written while the module is in Doze Mode or Stop Mode.
0 FlexCAN Self Wake Up feature is disabled
1 FlexCAN Self Wake Up feature is enabled
21
WRN_EN
Warning Interrupt Enable. When asserted, this bit enables the generation of the TWRN_INT and
RWRN_INT flags in the Error and Status Register. If WRN_EN is negated, the TWRN_INT and
RWRN_INT flags will always be zero, independent of the values of the error counters, and no warning
interrupt will ever be generated.
0 TWRN_INT and RWRN_INT bits are zero, independent of the values in the error counters..
1 TWRN_INT and RWRN_INT bits are set when the respective error counter transition from <96 to
≥ 96.
20
LPM_ACK
Low Power Mode Acknowledge. This read-only bit indicates that FlexCAN is either in Disable Mode, Doze
Mode or Stop Mode. Either of these low power modes can not be entered until all current transmission or
reception processes have finished, so the CPU can poll the LPM_ACK bit to know when FlexCAN has
actually entered low power mode. See Section 28.2.7.8.2, “Module Disable Mode,” Section 28.2.7.8.3,
“Doze Mode,” and Section 28.2.7.8.4, “Stop Mode,” for more information.
0 FlexCAN not in any of the low power modes
1 FlexCAN is either in Disable Mode, Doze Mode or Stop mode
19
WAK_SRC
Wake Up Source. This bit defines whether the integrated low-pass filter is applied to protect the Rx CAN
input from spurious wake up. See Section 28.2.7.8.3, “Doze Mode,” and Section 28.2.7.8.4, “Stop Mode,”
for more information.
0 FlexCAN uses the unfiltered Rx input to detect recessive to dominant edges on the CAN bus.
1 FlexCAN uses the filtered Rx input to detect recessive to dominant edges on the CAN bus
Note: The integrated low-pass filter may not be available in all MCUs. In case it is not available, the
unfiltered input is always used for wake up purposes, and this bit has no effect on the FlexCAN operation.
Table 28-9. MCR Field Descriptions (Continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com