Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 593 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 593 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 589Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 590Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 591Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 592Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 593Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 594Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 595Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 596Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 597Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 593 / 976 page
background image
The Generic FlexCAN2 Module
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
515
Table 28-9. MCR Field Descriptions
Field
Description
31
MDIS
Module Disable. This bit controls whether FlexCAN is enabled or not. When disabled, FlexCAN shuts
down the clocks to the CAN Protocol Interface and Message Buffer Management sub-modules. This is
the only bit in MCR not affected by soft reset. See Section 28.2.7.8.2, “Module Disable Mode,” for more
information.
0 Enable the FlexCAN module
1 Disable the FlexCAN module
30
FRZ
Freeze Enable. The FRZ bit specifies the FlexCAN behavior when the HALT bit in the MCR Register is
set or when Debug Mode is requested at MCU level. When FRZ is asserted, FlexCAN is enabled to enter
Freeze Mode. Negation of this bit field causes FlexCAN to exit from Freeze Mode.
0 Not enabled to enter Freeze Mode
1 Enabled to enter Freeze Mode
29
Reserved, should be cleared.
28
HALT
Halt FlexCAN. Assertion of this bit puts the FlexCAN module into Freeze Mode. The CPU should clear it
after initializing the Message Buffers and Control Register. No reception or transmission is performed by
FlexCAN before this bit is cleared. While in Freeze Mode, the CPU has write access to the Error Counter
Register, that is otherwise read-only. Freeze Mode can not be entered while FlexCAN is in any of the low
power modes. See Section 28.2.7.8.1, “Freeze Mode,” for more information.
0 No Freeze Mode request.
1 Enters Freeze Mode if the FRZ bit is asserted.
27
NOT_RDY
FlexCAN Not Ready. This read-only bit indicates that FlexCAN is either in Disable Mode, Doze Mode,
Stop Mode or Freeze Mode. It is negated once FlexCAN has exited these modes.
0 FlexCAN module is either in Normal Mode, Listen-Only Mode or Loop-Back Mode
1 FlexCAN module is either in Disable Mode, Doze Mode, Stop Mode or Freeze Mode
26
WAK_MSK
Wake Up Interrupt Mask. This bit enables the Wake Up Interrupt generation.
0 Wake Up Interrupt is disabled
1 Wake Up Interrupt is enabled
25
SOFT_RST
Soft Reset. When this bit is asserted, FlexCAN resets its internal state machines and some of the memory
mapped registers. The following registers are reset: MCR (except the MDIS bit), TIMER, ECR, ESR,
IMASK1, IMASK2, IFLAG1, IFLAG2. Configuration registers that control the interface to the CAN bus are
not affected by soft reset. The following registers are unaffected:
•CTRL
• RXIMR0–RXIMR63
• RXGMASK, RX14MASK, RX15MASK
• all Message Buffers
The SOFT_RST bit can be asserted directly by the CPU when it writes to the MCR Register, but it is also
asserted when global soft reset is requested at MCU level. Since soft reset is synchronous and has to
follow a request/acknowledge procedure across clock domains, it may take some time to fully propagate
its effect. The SOFT_RST bit remains asserted while reset is pending, and is automatically negated when
reset completes. Therefore, software can poll this bit to know when the soft reset has completed.
Soft reset cannot be applied while clocks are shut down in any of the low power modes. The module
should be first removed from low power mode, and then soft reset can be applied.
0 No reset request
1 Resets the registers marked as “affected by soft reset” in Table 28-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com