Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 595 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 595 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 591Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 592Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 593Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 594Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 595Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 596Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 597Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 598Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 599Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 595 / 976 page
background image
The Generic FlexCAN2 Module
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
517
28.2.6.3.2
Control Register (CTRL)
This register is defined for specific FlexCAN control features related to the CAN bus, such as bit-rate,
programmable sampling point within an Rx bit, Loop Back Mode, Listen Only Mode, Bus Off recovery
behavior and interrupt enabling (Bus-Off, Error, Warning). It also determines the Division Factor for the
clock prescaler. Most of the fields in this register should only be changed while the module is in Disable
Mode or in Freeze Mode. Exceptions are the BOFF_MSK, ERR_MSK, WRN_MSK and BOFF_REC bits,
that can be accessed at any time.
18
DOZE
Doze Mode Enable. This bit defines whether FlexCAN is allowed to enter low power mode when Doze
Mode is requested at MCU level. This bit is automatically reset when FlexCAN wakes up from Doze Mode
upon detecting activity on the CAN bus (self wake-up enabled).
0 FlexCAN is not enabled to enter low power mode when Doze Mode is requested
1 FlexCAN is enabled to enter low power mode when Doze Mode is requested
17
SRX_DIS
Self Reception Disable. This bit defines whether FlexCAN is allowed to receive frames transmitted by
itself. If this bit is asserted, frames transmitted by the module will not be stored in any MB, regardless if
the MB is programmed with an ID that matches the transmitted frame, and no interrupt flag or interrupt
signal will be generated due to the frame reception.
0 Self reception enabled
1 Self reception disabled
16
BCC
Backwards Compatibility Configuration. This bit is provided to support Backwards Compatibility with
previous FlexCAN versions. When this bit is negated, the following configuration is applied:
• For MCUs supporting individual Rx ID masking, this feature is disabled. Instead of individual ID
masking per MB, FlexCAN uses its previous masking scheme with RXGMASK, RX14MASK and
RX15MASK.
• The reception queue feature is disabled. Upon receiving a message, if the first MB with a matching ID
that is found is still occupied by a previous unread message, FlexCAN will not look for another matching
MB. It will override this MB with the new message and set the CODE field to ‘0110’ (overrun).
• Generation of the WRN_INT flag and the corresponding interrupt request are disabled.
Upon reset this bit is negated, allowing legacy software to work without modification.
0 Individual Rx masking, queue feature and WRN_INT generation are disabled.
1 Individual Rx masking, queue feature and WRN_INT generation are enabled.
15–6
Reserved, should be cleared.
5–0
MAXMB
Maximum Number of Message Buffers. This 6-bit field defines the maximum number of message buffers
that will take part in the matching and arbitration processes. The reset value ($0F) is equivalent to 16 MB
configuration. This field should be changed only while the module is in Freeze Mode.
Maximum MBs in use = MAXMB + 1.
Note: MAXMB has to be programmed with a value smaller or equal to the number of available Message
Buffers, otherwise FlexCAN will not transmit or receive frames.
Table 28-9. MCR Field Descriptions (Continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com