Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 591 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 591 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 587Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 588Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 589Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 590Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 591Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 592Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 593Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 594Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 595Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 591 / 976 page
background image
The Generic FlexCAN2 Module
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
513
Table 28-7. Message Buffer Code for Rx buffers
Rx Code
BEFORE
Rx New Frame
Description
Rx Code AFTER
Rx New Frame
Comment
0000
INACTIVE: MB is not active.
–
MB does not participate in the matching process.
0100
EMPTY: MB is active and empty.
0010
MB participates in the matching process. When a
frame is received successfully, the code is
automatically updated to FULL.
0010
FULL: MB is full.
0010
The act of reading the C/S word followed by
unlocking the MB does not make the code return to
EMPTY. It remains FULL. If a new frame is written
to the MB after the C/S word was read and the MB
was unlocked, the code still remains FULL.
0110
If the MB is FULL and a new frame is overwritten to
this MB before the CPU had time to read it, the code
is automatically updated to OVERRUN. Refer to
Section 28.2.7.5, “Matching Process,” for details
about overrun behavior.
0110
OVERRUN: a frame was
overwritten into a full buffer.
0010
If the code indicates OVERRUN but the CPU reads
the C/S word and then unlocks the MB, when a new
frame is written to the MB the code returns to FULL.
0110
If the code already indicates OVERRUN, and yet
another new frame must be written, the MB will be
overwritten again, and the code will remain
OVERRUN. Refer to Section 28.2.7.5, “Matching
Process,” for details about overrun behavior.
0XY11
1. Note that for Tx MBs (see Table 28-8), the BUSY bit should be ignored upon read.
BUSY: Flexcan is updating the
contents of the MB. The CPU must
not access the MB.
0010
An EMPTY buffer was written with a new frame (XY
was 01).
0110
A FULL/OVERRUN buffer was overwritten (XY was
11).
Table 28-8. Message Buffer Code for Tx buffers
RTR
Initial Tx code
Code after
successful
transmission
Description
X
1000
–
INACTIVE: MB does not participate in the arbitration process.
0
1100
1000
Transmit data frame unconditionally once. After transmission, the MB
automatically returns to the INACTIVE state.
1
1100
0100
Transmit remote frame unconditionally once. After transmission, the MB
automatically becomes an Rx MB with the same ID.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com