Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 589 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 589 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 585Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 586Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 587Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 588Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 589Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 590Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 591Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 592Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 593Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 589 / 976 page
background image
The Generic FlexCAN2 Module
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
511
The FlexCAN module stores CAN messages for transmission and reception using a Message Buffer
structure. Each individual MB is formed by 16 bytes mapped on memory as described in Table 28-5.
Table 28-5 shows a Standard/Extended Message Buffer (MB0) memory map, using 16 bytes total
($80–$8F space).
28.2.6.2
Message Buffer Structure
The Message Buffer structure used by the FlexCAN module is represented in Figure 28-2. Both Extended
and Standard Frames (29-bit Identifier and 11-bit Identifier, respectively) used in the CAN specification
(Version 2.0 Part B) are represented.
Base + $0024
Interrupt Masks 2 (IMASK2)
S/U
Yes
Yes
Base + $0028
Interrupt Masks 1 (IMASK1)
S/U
Yes
Yes
Base + $002C
Interrupt Flags 2 (IFLAG2)
S/U
Yes
Yes
Base + $0030
Interrupt Flags 1 (IFLAG1)
S/U
Yes
Yes
Base + $0034–$005F
Reserved
Base + $0060–$007F
Reserved
Base + $0080–$017F
Message Buffers MB0–MB15
S/U
No
No
Base + $0180–$027F
Message Buffers MB16–MB31
S/U
No
No
Base + $0280–$047F
Reserved
Base + $0480-087F
Reserved
Base + $0880-$08BF
Rx Individual Mask Registers RXIMR0-RXIMR15
S/U
No
No
Base + $08C0-$08FF
Rx Individual Mask Registers RXIMR16-RXIMR31
S/U
No
No
Base + $0900-$097F
Reserved
Table 28-5. Message Buffer MB0 Memory Mapping
Address Offset
MB Field
$80
Control and Status (C/S)
$84
Identifier Field
$88–$8F
Data Field 0 – Data Field 7 (1 byte each)
Table 28-4. Module Memory Map (Continued)
Address
Use
Access
Type
Affected
by Hard
Reset
Affected
by Soft
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com