Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 585 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 585 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 581Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 582Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 583Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 584Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 585Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 586Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 587Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 588Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 589Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 585 / 976 page
background image
The Generic FlexCAN2 Module
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
507
establish connection to the CPU and to other blocks. Clocks, address and data buses, interrupt outputs and
test signals are accessed through the Bus Interface Unit.
28.2.3
Features
The FlexCAN module includes these distinctive features:
•
Full Implementation of the CAN protocol specification, Version 2.0B
— Standard data and remote frames
— Extended data and remote frames
— Zero to eight bytes data length
— Programmable bit rate up to 1 Mb/sec
— Content-related addressing
•
Flexible Message Buffers (up to 64) of zero to eight bytes data length
•
Each MB configurable as Rx or Tx, all supporting standard and extended messages
•
Individual Rx Mask Registers per Message Buffer
•
Includes either 1056 bytes (64 MBs), 544 bytes (32 MBs) or 288 bytes (16 MBs) of RAM used for
MB storage
•
Includes either 256 bytes (64 MBs), 128 bytes (32 MBs) or 64 bytes (16 MBs) of RAM used for
individual Rx Mask Registers
•
Reception queue possible by setting more than one Rx Message Buffer with the same ID
•
Single-bit selectable backwards compatibility with previous FlexCAN version
•
Programmable clock source to the CAN Protocol Interface, either bus clock or crystal oscillator
•
Unused MB and Rx Mask Register space can be used as general purpose RAM space
•
Listen only mode capability
•
Programmable loop-back mode supporting self-test operation
•
Programmable transmission priority scheme: lowest ID or lowest buffer number
•
Time Stamp based on 16-bit free-running timer
•
Global network time, synchronized by a specific message
•
Maskable interrupts
•
Independent of the transmission medium (an external transceiver is assumed)
•
Short latency time due to an arbitration scheme for high-priority messages
•
Low power modes, with programmable wake up on bus activity
NOTE
The individual Rx Mask per Message Buffer feature may not be available in
low cost MCUs. Please consult the specific MCU documentation to find out
if this feature is supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com