Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 584 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 584 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 580Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 581Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 582Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 583Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 584Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 585Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 586Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 587Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 588Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 584 / 976 page
background image
The Generic FlexCAN2 Module
MAC7200 Microcontroller Family Reference Manual, Rev. 2
506
Freescale Semiconductor
Figure 28-1. FlexCAN Block Diagram
28.2.2
Overview
The CAN protocol was primarily, but not only, designed to be used as a vehicle serial data bus, meeting
the specific requirements of this field: real-time processing, reliable operation in the EMI environment of
a vehicle, cost-effectiveness and required bandwidth. The FlexCAN module is a full implementation of the
CAN protocol specification, Version 2.0 B [Ref. 1], which supports both standard and extended message
frames. A flexible number of Message Buffers (16, 32 or 64) is also supported. The Message Buffers are
stored in an embedded RAM dedicated to the FlexCAN module. On the MAC72xx, there are 32 Message
Buffers for each FlexCAN module.
The CAN Protocol Interface (CPI) sub-module manages the serial communication on the CAN bus,
requesting RAM access for receiving and transmitting message frames, validating received messages and
performing error handling. The Message Buffer Management (MBM) sub-module handles Message
Buffer selection for reception and transmission, taking care of arbitration and ID matching algorithms. The
Bus Interface Unit (BIU) sub-module controls the access to and from the internal interface bus, in order to
288/544/1056-
Bus Interface Unit
max MB #
(0–31)
IP Bus Interface
CAN
Message
CAN Tx
CAN Rx
MB1
MB0
MB30
MB31
Clocks, Address & Data buses,
Interrupt and Test Signals
Buffer
Management
Protocol
Interface
byte RAM
Message
Buffer
Storage
64/128/256-
RXIMR1
RXIMR0
RXIMR30
RXIMR31
byte RAM
ID Mask
Storage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com